Part Number Hot Search : 
ACTF9002 A5800 C3632 FIS155 4AV15F MHW8342N MMBTS BCR183W
Product Description
Full Text Search
 

To Download 710 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Reverse Power Relays
WILMARTM Protective Relays - 700 Series
TERMINAL STRIPS #6 - 32 SCREWS
Function: 32
* ANSI/IEEE C37.90-1978
* UL file No. E58048 * CSA file No. LR61158 Several types of Reverse Power Relays are available including relays sensitive to reverse reactive power (KVAR). WILMAR is the leading brand of reverse power relays. Our rugged sealed construction provides continuous and reliable operation unaffected by shock, vibration or other severe environments. Reverse Power Relays are used for the protection of generator sets operating in parallel.
3 13/16
3.0 1 /2
34 2/ 12 3/
80% 70%
3
3
7 /8
/64" DIA. 4 MTG. HOLES
11
60% 50% 40%
Note: Dimensions in inches. Multiply values by 25.4 for dimensions in mm.
Model 710 (X) Designed for 120, 220 or 266 volt line to neutral connection Model 720 (X) thru 724 (X) For operation on three phase, three wire circuits
PART NUMBER SELECTION
30% 20% 10% 0% 0.000 0.100 0.200 Time Delay (seconds) 0.300 0.400
PRODUCT SPECIFICATIONS
PART NUMBER SELECTION
Sample Part No. Type: 20% 710 = 120 V, 220 V, 266 V line to neutral 720 = 120 V, L-L, 3 Phase 721 = 230 V, L-L, 3 Phase 722 = 380 V, L-L, 3 Phase 723 = 460 V, L-L, 3 Phase 724 = 575 V, L-L, 3 Phase 725 = 416 V, L-L, 3 Phase Mounting: X = Flange Blank - Stud Options: 7 = Reverse Inductive P = Surge Suppression Consult factory for additional models. 710X
Part Number
700 Series
line to neutral sensing
Line Voltage ...................................... Model 710X = 120 V, 220 V or 266 V
Line Frequency ................................. 50-500 Hz. Current Requirements ..................... 0 to 5 amp max direct or from CT with 5 amp secondary Trip Adjustment ............................... Screwdriver adjustable 4% to 20% (of the 5 amp rating) Time Delay ........................................ Inverse Delay - See Chart Output Contacts ............................... One set N.O., one set N.C. Contact Ratings ................................ 5 amp resistive at 120 AC or 28 Vdc Power Consumption ........................ Voltage circuit: 2 VA max. Current circuit: 4 VA max.
Notes: 1. Remove screw for access to the pick-up adjustment. 2. Clockwise rotation of the adjustment will raise the reverse trip point. 3. This relay senses true power, which is a product of voltage, current and phase angle. Connections and polarity must be obversed in accordance with the provided diagrams.
28
Tyco Electronics / www.tycoelectronics.com / Factory Direct Technical Support: 800-253-4560, ext. 2023 (U.S., Canada, Mexico) or 805-220-2020, ext. 2023 (International)


▲Up To Search▲   

 
Price & Availability of 710

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X